Part Number Hot Search : 
LMP2003 53100 E222M E222M 1N4151 64GA108 ISL6267 GRM033R
Product Description
Full Text Search
 

To Download ACT86LCSMX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT86LCSMX
The ACT86LCSMX is a low cost version of our popular ACT86SMX device. Compact in size, the Surface Mount, plastic packaged ACT86LCSMX is ideal for high density packing and automatic placement on circuit boards. The device has, as its core, a heat resisting cylinder type crystal which makes full use of AT cut crystal characteristics. This device can be used in a variety of applications such as Communications, Audio Visual, Measurement and Portable Equipments. The footprint is an industry standard layout and is compatible with other popular plastic crystals in this package.
Specification
Parameter
Frequency Range Frequency Tolerance Temp Operating Range Stability over Temp Range Temp Storage Range Equivalent Series Resistance Shunt Capacitance Load Capacitance Drive Level Insulation Resistance Aging (First Year) 3.579 ~ 4.499 4.500 ~ 4.999 5.000 ~ 6.999 7.000 ~ 9.999 10.000 ~ 11.999 12.000 ~ 13.999 14.000 ~ 15.999 16.000 ~ 27.000
Symbol
fo f/fo Topr Tc Tstg ESR C0 Cl DL IR Fa
Specification
3.579 ~ 27.00MHz 15ppm, 30ppm & 50ppm -10C~+60C, -20C~+70C 50ppm std (30ppm option) -40C ~ +85C See table below 5.0pF max 10 ~ 32pF & SR 10 ~ 100 W 500M Min 5ppm ESR () max 150 130 120 100 80 70 50 35 Mode
Condition
Fundamental. Please specify Please specify (-40C~+85C Available @ 100ppm only) Please specify (-40C~+85C Available @ 100ppm only) Please specify @25C Please specify DC 100V15V @25C 3C Fundamental Fundamental Fundamental Fundamental Fundamental Fundamental Fundamental Fundamental
Frequency (MHz)
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue 4 C1b Date 31/08/07
Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT86LCSMX
Tape and Reel information (mm) Standard reel size 2000 pieces per reel
Internal cylinder crystal ACT86LCSMX utilizes a 3x8mm 6.0MHz ~ 27.0MHz, 3x9mm 4.0MHz & 3x10mm 3.579545 ~ 3.9999MHZ )
( The
Soldering Information
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue 4 C1b Date 31/08/07


▲Up To Search▲   

 
Price & Availability of ACT86LCSMX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X